PART |
Description |
Maker |
PIC16F62XT-20E_SS PIC16LF62X-20_P PIC16F62X-20_SO |
FLASH-Based 8-Bit CMOS Microcontroller Code Hopping Encoder(KeeLoq 码编码器) RESISTOR,ARRAY,2.2K, 5% RES ARRAY 100 OHM 4TERM 2RES SMD BBG ECL GATE OR/NOR TRPL; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Triple 2-3-2-Input OR/NOR Gate; Package: SOEIAJ-16; No of Pins: 16; Container: Tape and Reel; Qty per Container: 2000 Enhanced FLASH/EEPROM 8-Bit Microcontroller(驱动/吸收电流高,工作电压2.0~5.5V,微控制 Enhanced FLASH 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory(带ADC转换器和EEPROM数据存储器的闪速CMOS微控制器) Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压3.0~5.5V,微控制 Enhanced FLASH/EEPROM 8-Bit Microcontroller With A/D Module(驱动/吸收电流高,工作电压2.5~5.5V,微控制 8-Pin, 8-Bit CMOS Enhanced FLASH Microcontroller with A/D Converter and EEPROM Data Memory(-2.5~5.5V,具ADC,闪速微控制 OTP 8-Bit CMOS Microcontroller with EEPROM Data Memory(工作电压2.5~5.5V路比较器,微控制 2K 5.0V IIC serial EEPROMs(2.5V~5.5V,2K1M次擦写周ISO7816标准) 1K 5.0V IIC serial EEPROMs(2.5V~5.5V,1K1M次擦写周ISO7816标准) 256K 5.0V SPI Bus Serial EEPROM(4.5~5.5V,256K浣?SPI?荤嚎涓茶?EEPROM)
|
Microchip Technology Inc.
|
RM5261-266-Q RM5261-200-QI RM5261-250-Q RM5261-200 |
RM5261?/font> Microprocessor with 64-Bit System Bus Data Sheet Released RM5261?/a> Microprocessor with 64-Bit System Bus Data Sheet Released RM5261??Microprocessor with 64-Bit System Bus Data Sheet Released RM5261Microprocessor with 64-Bit System Bus Data Sheet Released 64-BIT, 200 MHz, MICROPROCESSOR, PQFP208 RM5261Microprocessor with 64-Bit System Bus Data Sheet Released 64-BIT, 266 MHz, MICROPROCESSOR, PQFP208 RM5261 Microprocessor with 64-Bit System Bus Data Sheet Released
|
PMC-SIERRA INC PMC-Sierra, Inc. PMC-Sierra Inc
|
AM70PDL127CDH AM70PDL127CDH85I AM70PDL129CDH85I AM |
2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP)
|
AMD[Advanced Micro Devices] SPANSION[SPANSION]
|
25C640 |
The 25C640 is a 64K-bit Serial Electrically Erasable PROM with memory accessed via a simple Serial Peripheral Interface (SPI) compatible serial bus. The bus signals required are a clock input (SCK) plus separate data in (SI) and data
|
Microchip
|
N74F8966A N74F8965A 74F8965 74F8966 |
9-Bit address/data Futurebus transceiver, ADT 9-Bit address/data Futurebus transceiver ADT 16-Bit Ultra-Low-Power MCU, 16kB Flash, 256B RAM, 16-bit Sigma-Delta A/D, 12-bit D/A, LCD Driver 48-SSOP -40 to 85 F/FAST SERIES, 9-BIT REGISTERED TRANSCEIVER, INVERTED OUTPUT, PQCC44
|
PHILIPS[Philips Semiconductors] NXP Semiconductors N.V.
|
AM70PDL127CDH66IT AM70PDL127CDH85IS AM70PDL127CDH8 |
Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP) 堆叠式多芯片封装(MCP / XIP)的快闪记忆体,数据存储的MirrorBit闪存和移动存储芯片(XIP)的 Stacked Multi-Chip Package (MCP/XIP) Flash Memory, Data storage MirrorBit Flash, and pSRAM (XIP) SPECIALTY MEMORY CIRCUIT, PBGA93 2 x 64 Megabit (8 M x 16-Bit) CMOS 3.0 Volt-Only Page Mode Flash Memory Data Storage 128 Megabit (8 M x 16-Bit) CMOS 2 × 64兆位米16位)的CMOS 3.0伏特,只有页面模式闪存数据存28兆位米16位)的CMOS
|
Spansion Inc. Spansion, Inc.
|
MC145145P2 MC145145DW2 MC1451452 |
4-Bit Data Bus Inpu PLL Frequency Synthesizer 4-Bit Data Bus Input PLL F requency Synthesizer
|
Motorola, Inc.
|
ST7FDALI ST7FDALIF2B6 ST7FDALIF2M6 ST7FLITE2 ST7FL |
8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI, DALI (DATA BRIEFING)
|
ST Microelectronics
|
M25P64-VMF6TP M25P64-VME6 M25P64-VMF6 M25P64 M25P6 |
16-Bit Bus Transceiver And Register With 3-State Outputs 56-SSOP -40 to 85 4 Mbit Uniform Sector, Serial Flash Memory 64 Mbit, Low Voltage, Serial Flash Memory With 50MHz SPI Bus Interface
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
AT90S1200-4PC AT90S1200-4PI AT90S1200-12YC AT90S12 |
8-bit Microcontroller with 1K Byte of In-System Programmable Flash -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 位AVR微控制器具有8K字节的系统内可编程闪 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 4 MHz, RISC MICROCONTROLLER, PDSO20 -bit AVR Microcontroller with 8K Bytes In- System Programmable Flash 8-BIT, FLASH, 12 MHz, RISC MICROCONTROLLER, PDIP20 Data and Non-volatile Program Memory
|
ATMEL Corporation Atmel, Corp. Atmel Corp.
|
MB90F351EPMC MB90351EPMC MB90351ES MB90F351ES MB90 |
16-bit Microcontrollers Industrial Transceivers; Package: PG-DSO-8; Transmission rate<sub>max</sub>: 1.0 Mbit/s; Bus Wake-up capability: No; Additional Features: RM, INH; Wake-up inputs: No; Standards: ISO11898-2 16-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP64 16-bit Proprietary Microcontrollers 16-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP64
|
Fujitsu Component Limit... Fujitsu Component Limited. http:// Fujitsu, Ltd.
|